Part Number Hot Search : 
5A222G B11NM60 0DJCA AH9281 TE4936 DSPIC33 F60B150 AD8212
Product Description
Full Text Search
 

To Download 1320-A001AQ12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s eries 1000/3000 h all effect incremental rotary shaft encoders m echanical s haft speed 6000 rpm maximum s haft direction bidirectional s tandard shaft sizes (dia.) .2497", .3747" s haft extension(s) 0.80" with .50x.05" flat s haft seals neoprene or ptfe options m ounting refer to dimensional drawings b earings abec 5 shielded radial loading 30 lbs. operating axial loading 15 lbs. operating a ccuracy + 1.0 of shaft rotation typical h ousing black anodized aluminum w eight (1000) standard: 14 oz., sealed: 19 oz. w eight (3000) standard: 17 oz., sealed: 26 oz. connector 6 pin ms3102 or 18" cable out e lectrical p ulse rate 10 khz, up to 200 khz o utputs npn w/pullup; npn open collector; pnp sourcing o utput ratings o pen collector transistor 40 vdc maximum s upply voltage 8 to 28 vdc 5 vdc with 5v ttl output s upply current 15 ma maximum c urrent sinking 250 ma maximum o utput duty cycle 50/50 w/ + 20% typical tolerance t ighter to + 5% by spec rise/fall times 1 ?ec typical, other options available e nvironmental o perating temp. (1000) -20 to +70 c (-4 to +158 f) o perating temp. (3000) -40 to +85 c (-40 to +185 f) s hock 50 gs for 11 milliseconds vi bration 5 to 2000 hertz at 20 gs hu midity 100% relative humidity e nclosures (sealed) nema 4 equiv. - water-tight (std) nema 12/13 equiv. ?dust-, oil-tight ?enclosure: series 1000-2.25" cube s eries 3000-3''x3''x1.5'' nema 12/13 or nema 4 type sealing f lush or flanged base ?inherent anti-jitter circuitry prevents false outputs due to machine vibration ?internally and externally shielded abec 5 stainless s teel bearings ?low supply current requirement - 15 ma typical per encoder, at 24vdc ?operating voltage flexibility - 8 to 28 vdc or 5 vdc ttl output ?ideally suited for low ppr needs in dirty environments, wide temperature ranges e lectrical connections f unction 6 p in c able o ut color +v b d red common a f black channel a d a blue channel b e b brown i ndex c c white he r cules encoders s pecifications 20 he r cules f or the latest specifications visit our website www.herculesencoders.com
di mensional drawings wire drawings s eries 1000 standard call for sealed dimensions s eries 3000 standard call for sealed dimensions 21 he r cules s eries 1000/3000 1 3 2 1 _ s eries s haft diameter 1=1/4"(0.2497") 3=3/8" (0.3747) s haft extension 1=single 2=double s eries s haft diameter 1=1/4"(0.2497") 3=3/8" (0.3747) s haft extension 1=single 2=double m ounting type 0=6-32 bhc on ends 1=10-32 bhc on shaft e nds & base 2=flanged base (10-32 bhc on shaft ends) 3=no holes on base (10-32 bhc on ends) e ncoder type _=standard encoder s=sealed (elastomer) t=sealed (ptfe) a q 030 a q12 a q 030 channel outputs a=npn w/pullup res. b=npn open collector d=1.5k pullup, no ser. r (18v max) f=5vdc w/pullup res. g=5vdc open collector h=pnp sourcing outputs channel types s=single channel q=quadrature outputs i=index pulse ppr (pulses per revolution) channel types ??and ? 001 002 003 004 005 006 007 008 009 010 012 015 018 020 025 030 a dded channel types ??(square wave) 014 016 024 3 3 1 1 _ o ptional index channel or add. encoder (same types of channel outputs) or der the secondary channel like a primary channel ppr (pulses per revolution) channel types ??and ? 001 002 003 004 005 006 007 008 009 010 012 013 014 015 016 018 020 024 025 030 050 060 a dded channel types ??(square wave) 026 028 032 036 040 048 100 120 or dering information m ounting type 1=10-32 bhc on shaft e nds & base 2=flanged base (bhc on shaft ends) 3=no holes on base (bhc on shaft ends) e ncoder type _=standard encoder s=sealed (elastomer) t=sealed (ptfe) channel outputs a=npn w/pullup res. b=npn open collector d=1.5k pullup, no ser. r (18v max) f=5vdc w/pullup res. g=5vdc open collector h=pnp sourcing outputs channel types s=single channel q=quadrature outputs


▲Up To Search▲   

 
Price & Availability of 1320-A001AQ12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X